Part Number Hot Search : 
U1FWJ44M AA1WA OPB704 NTUD3170 40309 MMP7010 P6SMBJ15 0465R
Product Description
Full Text Search
 

To Download BC1602G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BC1602G
Feature
1. COB with metal frame 2. 5x7 dots with cursor 2. Built-in controller KS0066 or equivalent 4. + 5V single power supply 5. 1/16 duty cycle 6. LED B/L pins:15/16, or A/K, or 1/2 7. Option: LED array / EL B/L 8. Option: +3V single power supply 9. Option: negative voltage (built-in, external)
Mechanical Data Item Standard Value Module Dimension 106.5 x 43.5 Viewing Area 99.0 x 24.0 Dot Size 0.92 x 1.10 Character Size 4.84 x 9.66 Pin Assignment Pin Symbol 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7~14 DB0~7 15 A/Vee K 16
Unit mm mm mm mm Electronic Characteristics
Function GND +5V(+3V option) Contrast adjustment H/L register select signal H/L read/write signal H --> L enable signal H/L data bus line
Power supply for B/L (+)/ Negative voltage output
Power supply for B/L (GND)
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 2.0 mA LCD Driving 4.2 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward 280 mA If 25 oC Current EL Power Vel Vel=110Vac/400Hz V Current Item
Dimension
PIN NO. SYMBOL 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7 DB0 8 DB1 9 DB2 10 DB3 11 DB4 12 DB5 13 DB6 14 DB7 15 A 16 K
106.5+0.5 105.8+0.5 99.0+0.3 94.86+0.1
9.3 (EL or No B/L) 13.6 (LED B/L) 6.0 4.86 0.92 0.06 9.66 23.0 20.0 1.1 1.0 0.06
41.0+0.3
24.0+0.3
2.5
5.6
2.0 20.0+0.1
43.5+0.5
35.2+0.5
5.4
1 12.75+0.3 5.25+0.5 16-O1.0 PTH 2.54
16 1.6 1.5+0.3 2-?2.5 DOT SIZE SCALE 2/1 9.0 (LED B/L) 4.7 (EL or No B/L)
96.0+0.3
20.5


▲Up To Search▲   

 
Price & Availability of BC1602G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X